|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Plastic Photodiode Packages with Leads PDB-C142 PACKAGE DIMENSIONS INCH [mm] PACKAGE DIMENSIONS INCH [mm] O.220 [5.60] O.197 [5.00] .039 [1.00] 1.04 [26.5] ANODE 40 VIEWING ANGLE 2X .020 [0.51] SQUARE CATHODE .100 [2.54] .059 [1.50] MAX .171 [4.34] .342 [8.69] .98 [25.0] CHIP DIMENSIONS INCH [mm] CHIP DIMENSIONS INCH [mm] .090 [2.29] SQUARE .080 [2.03] SQUARE ACTIVE AREA T1 3/4 PLASTIC PACKAGE T1 3/4 PLASTIC PACKAGE FEATURES * * * * Large active area Photoconductive Low cost High speed DESCRIPTION The PDB-C142 is a blue enhanced PIN silicon photodiode in a photoconductive mode packaged in a water clear T1 3/4 plastic package. APPLICATIONS * * * * Smoke detectors Light pen detectors TV & VCR remotes Bar code detectors ABSOLUTE MAXIMUM RATING (TA)= 23C UNLESS OTHERWISE NOTED Responsivity (A/W) SPECTRAL RESPONSE 0.60 0.50 0.40 0.30 0.20 0.10 0.00 250 300 350 400 450 500 550 600 650 700 750 800 850 900 950 1000 1050 1100 Wavelength (nm) 1150 SYMBOL VBR TSTG TO TS PARAMETER Reverse Voltage Storage Temperature Operating Temperature Soldering Temperature* MIN -40 -40 MAX 100 +100 +80 +260 UNITS V C C C * 1/16 inch from case for 3 seconds max. ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23C UNLESS OTHERWISE NOTED SYMBOL ISC ID RSH CJ lrange VBR NEP tr CHARACTERISTIC Short Circuit Current Dark Current Shunt Resistance Junction Capacitance Spectral Application Range Breakdown Voltage Noise Equivalent Power Response Time TEST CONDITIONS H = 100 fc, 2850 K VR = 10 V VR = 10 mV VR = 10 V, f = 1 MHz Spot Scan I = 10 A VR = 10V @ l=Peak RL = 1K,VR = 10 V MIN 100 100 400 15 TYP 150 5 500 18 25 2x10-14 50 MAX 30 25 1100 UNITS A nA MW pF nm V W/ Hz nS **Response time of 10% to 90% is specified at 660nm wavelength light. Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are subject to change without notice. Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 * Phone (805) 987-0146 * Fax (805) 484-9935 * www.advancedphotonix.com |
Price & Availability of PDB-C142 |